fr151gp thru fr157gp 1.5 amp glass passivated fast recovery rectifier 50 to 1000 volts features glass passivated junction fast switching speed for high efficiency operating temperature: -5 5 c to +150 c storage temperature: -5 5 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage fr151gp 50v 35v 50v fr152gp 100v 70v 100v fr153gp 200v 140v 200v fr154gp 400v 280v 400v fr155gp 600v 420v 600v fr156gp 800v 560v 800v fr157gp 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.5 a t a = 55 c peak forward surge current i fsm 50a 8.3ms, half sine maximum instantaneous forward voltage v f 1.3v i fm = 1.5a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 100 m a t a = 25 c t a = 100 c maximum reverse recovery time fr151gp-154gp fr155gp fr156gp-157gp t rr 150ns 250ns 500ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 20pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 30 0 m sec, duty cycle 1% do-15 dimensions inches mm dim min max min max note a .230 .300 5.80 7.60 b .104 .140 2.60 3.60 c .026 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark omp onents 2 0736 marilla street chatsworth ! " # $ % ! " # mcc revision: a 2011 /01/01 tm micro commercial components fr151gp fr152gp fr153gp fr154gp fr155gp fr156gp fr157gp www. mccsemi .com 1 of 4 maximum ratings ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
fr151gp thru fr157gp average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 .5 1.0 1.5 single phase, half wave 60hz resistive or inductive load amps c 150 2.0 2.5 3.0 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 12 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 2 5 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =2 5 c mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 4
fr151gp thru fr157gp t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 5 0 w 1 0 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 5 reverse recovery time characteristic and test circuit diagram mcc 1 100 4 0 15 30 45 8 figure 4 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 60 75 90 revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc www.mccsemi .com revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 3 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 4 k p c s / r e e l p a r t n u m b e r - bp b u l k: 2 5 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
|